Part Number Hot Search : 
SMCJ13 2SA1120 PCD3353A 3130A MB90F244 IRF7607 C4511 PE9413
Product Description
Full Text Search
 

To Download SL2S5102FUD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the icode slix-l ic is a dedicated chip fo r smart label applications with the need for a leaner custom-specific command set, smaller memory and/or a product which takes care of the increasing demand for perfect customer pr ivacy. this ic is another member of our icode slix product family that is fully co mpliant with the iso standards iso/iec 15693 ( ref. 1 ) and iso/iec 18000-3 ( ref. 4 ), prolonging a successful story of nxp in the field of vicinity identification systems. the icode system offers the possibility of oper ating labels simultaneously in the field of the reader antenna (antico llision). it is designed for long range applications. 1.1 contactless energy and data transfer whenever connected to a very simple and easy-to-produce type of antenna (as a result of the 13.56 mhz carrier frequency) made out of a few windings printed, winded, etched or punched coil, the icode slix-l ic can be operated without line of sight up to a distance of 1.5 m (gate width). no battery is needed. when the smart label is positioned in the field of an interrogator antenna, the high speed rf communication interface enables data to be transmitted up to 53 kbit/s. 1.2 anticollision an intelligent anticollision f unction enables several tags to operate in the field simultaneously. the anticollision algorithm select s each tag individually and ensures that the execution of a transaction with a select ed tag is performed correctly without data corruption result ing from other tags in the field. 1.3 security and privacy aspects ? unique identifier (uid): the uid cannot be altered and guarantees the uniqueness of each label. ? password protected label destroy: the 32-bit destroy password enables an addressed label to be destroyed with the destroy slix-l command. that status is irreversible and the label will never respond to any command again. sl2s5002; sl2s5102 icode slix-l rev. 3.4 ? 27 august 2012 193134 product data sheet company public
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 2 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l ? password protected privacy mode: the 32-bit privacy password enables a label to be set to the privacy mode with the enable privacy command. in this mode the label will not respond to any command except the command get random number, until it next receives the correct privacy password. this mode is es pecially designed to meet the increasing demand to take care of the customers privacy. ? password protected eas and afi functionality: the 32-bit eas/afi password ena bles the addressed label to be set in a mode where the eas status and the afi value can on ly be changed if the correc t eas/afi password is transmitted to the label within the mentioned commands. 2. features and benefits 2.1 icode slix-l rf interface (iso /iec 15693) ? contactless transmission of data and supply energy (no battery needed) ? operating distance: up to 1.5 m (depending on antenna geometry) ? operating frequency: 13.56 mhz (ism, world-wide licence freely available) ? fast data transfer: up to 53 kbit/s ? high data integrity: 16-bit crc, framing ? true anticollision ? electronic article surveillance (eas) ? application family identifier (afi) supported ? data storage format identifier (dsfid) ? enable privacy command with 32-bit privacy password ? destroy slix-l command wit h 32-bit destroy password ? additional fast anticollision read ? write distance equal to read distance 2.2 eeprom ? 512 bits, organized in 16 blocks of 4 bytes each, 4 blocks are summed up to 1 page ? 50 years data retention ? write endurance of 100000 cycles 2.3 security ? unique identifier for each device ? lock mechanism for each user memory block (write protection) ? lock mechanism for dsfid, afi, eas ? password (32-bit) protected label destroy ? password (32-bit) protected privacy mode ? password (32-bit) protecte d eas and afi functionality
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 3 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 3. applications ? factory automation ? industrial and laundry ? asset management ? libraries and rental 4. ordering information 5. block diagram table 1. ordering information type number package version name description sl2s5002fud wafer sawn, bumped wafer, 120 ? m, on film frame carrier, c i between la and lb = 23.5 pf (typical) - SL2S5102FUD wafer sawn, bumped wafer, 120 ? m, on film frame carrier, c i between la and lb = 97 pf (typical) - sl2s5002ftb xson3 plastic extremely thin small outline package; no leads; 3 terminals; body 1 x 1.45 x 0.5 mm c i between la and lb = 23.5 pf (typical) sot1122 fig 1. block diagram of icode slix-l 001aam247 mod demod vreg vdd clock data in data out r/w analog rf interface pa d pa d lb la rect cres digital control antenna anticollision read/write control access control eeprom interface control rf interface control eeprom memory sequencer charge pump clk
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 4 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 6. pinning information fig 2. pin configuration for sot1122 table 2. pin description sot1122 pin symbol description 1 lb antenna rf input 2 la antenna rf input 3 n.c. not connected sl2s5002 sl2s5102 001aan362 la lb n.c. transparent top view 21 3
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 5 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 7. wafer layout fig 3. wafer sl2s5002fud layout and pin configuration for the bare die 001aam246 not to scale gnd la lb test
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 6 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 7.1 bonding pad description fig 4. wafer SL2S5102FUD layout and pin configuration for the bare die 001aam546 not to scale gnd la lb test table 3. bonding pad description symbol description la antenna rf input lb antenna rf input gnd ground test test input
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 7 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 8. mechanical specification 8.1 wafer specification see ref. 6 ? general specification for 8? wafer on uv-tape with electronic fail die marking ? . table 4. wafer specification wafer designation each wafer is enscribed with batch number and wafer number diameter 200 mm (8 inches) thickness 120 ? m ? 15 ? m process cmos 0.14 ? m batch size 25 wafers dies per wafer sl2s5002fud 110050 SL2S5102FUD 88225 wafer backside material si treatment ground and stress release roughness r a minimum = 0.5 ? m r t maximum = 5 ? m chip dimensions die size without scribe sl2s5002fud 520 ? m ? 484 ? m = 251680 mm 2 SL2S5102FUD 520 ? m ? 607 ? m = 315640 mm 2 scribe line width x-dimension 15 ? m (scribe line width measured between nitride edges) y-dimension 15 ? m (scribe line width measured between nitride edges) number of pads 4 pad location non-diagonal/placed in chip corners distance pad to pad la to lb 400 ? m distance pad to pad lb to test sl2s5002fud 360 ? m SL2S5102FUD 517 ? m passivation on front type sandwich structure material pe-nitride (on top) thickness 1.75 ? m total thickness of passivation au bump material >99.9 % pure au hardness 35 hv to 80 hv 0.005 shear strength >70 mpa height 18 ? m
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 8 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 8.1.1 fail die identification no inkdots are applied to the wafer. electronic wafer mapping (secs ii format) covers the electrical test results and additionally the results of mechanical/visual inspection. see ref. 6 ? general specification for 8? wafer on uv-tape with electronic fail die marking ? . 8.1.2 map file distribution see ref. 6 ? general specification for 8? wafer on uv-tape with electronic fail die marking ? . height uniformity within a die ? 2 ? m within a wafer ? 3 ? m wafer to wafer ? 4 ? m bump flatness ? 1.5 ? m bump size la, lb 60 ? m ? 60 ? m test, gnd 60 ? m ? 60 ? m variation ? 5 ? m under bump metallization sputtered tiw table 4. wafer specification
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 9 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9. functional description 9.1 block description the icode slix-l ic consists of three major blocks: ? analog rf interface ? digital controller ? eeprom the analog section provides stable supply voltage and demodulates data received from the reader for processing by the digital sectio n. the analog section?s modulation transistor also transmits data back to the reader. the digital section includes the state mach ines, processes the protocol and handles communication with the eeprom. the label requires no internal power supply. its contactless interface generates the power supply and the system clock via the resonan t circuitry by inductive coupling to the interrogator. the interface also demodulates data that are transmitted from the interrogator to the icode label, and modul ates the electromagnetic field for data transmission from the icode label to the interrogator. data are stored in a non- volatile memory (eeprom). 9.2 memory organization the 512 bit eeprom memory is divided into 16 blocks. a bl ock is the sma llest access unit. each block consists of 4 bytes (1 block = 32 bits). 4 blocks are summed up to 1 page. bit 0 in each byte represents the least signific ant bit (lsb) and bit 7 the most significant bit (msb), respectively. the memory is divided into 2 parts: ? configuration area ? within this part of the memo ry all required information is stored, such as uid, write protection, access control information, passwords, afi and eas. this memory area cannot be directly accessed. ? user memory ? within the 256 bit memory area the user data are stored. direct read/write access to this part of the memory is possible depending on the related write protection conditions.
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 10 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l blocks 0 to 7 can be addressed wi th read and write commands only. 9.2.1 unique identifier the 64-bit unique identifier (uid) is programmed during the production process according to iso/iec 15693-3 and cannot be changed afterwards. the 64 bits are numbered according to iso/iec 15693-3 starting with lsb 1 and ending with msb 64. this is in contrast to t he general used bit numbering within a byte. the tag type is a part of the uid (bit 41 to 48, next to the manufacturer code which is ?04h? for nxp semiconductors). the tag type of the icode slix-l ic is ?03h?. bit 37 is set to logic 1 for the icode slix-l ic which indicates that this type supports the password protected afi feature (not supported by icode sli-l with bit 37 set to logic 0). table 5. memory organization page block byte 0 byte 1 byte 2 byte 3 description configuration area for internal use 0 0 user memory: 2 pages, 4 blocks each, 4 bytes each, 32 bytes in total. 1 2 3 14 5 6 7 table 6. unique identifier msb lsb 64:57 56:49 48:41 40:1 ?e0? ?04? ?03? ic manufacturer serial number uid 7 uid 6 uid 5 uid 4 uid 3 uid 2 uid 1 uid 0
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 11 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.2.2 configuration of delivered ics icode slix-l ics are delivered with the following configuration by nxp semiconductors: ? unique identifier is unique and read only ? write access conditions a llow change to user bloc ks, afi, dsfid, eas and passwords ? all password bytes are 00h for the eas/afi password ? all password bytes are 0fh for th e privacy and destroy passwords ? password protected privacy mode is disabled ? eas and afi password protection is disabled ? status of eas mode is not defined ? afi is supported and not defined ? dsfid is supported and not defined ? user data memory is not defined remark: because the eas m ode is undefined at delivery, the eas mode shall be set (enabled or disabled) according to your application requirements during the test or initialization phase. remark: if password protection is not required, depending on the targeted application, it is recommended to write random passw ords during the label initialization. 9.3 communication principle for detailed description of the protocol an d timing please refer to iso/iec 15693-2 (modulation, bit-coding, framing, ref. 2 ) and iso/iec 15693-3 (a nticollision, timing, protocol, ref. 3 ). 9.4 supported commands 9.4.1 mandatory commands 9.4.1.1 inventory as defined in iso/iec 15693-3. exception: if the privacy or destroy m ode is enabled the label will not respond. 9.4.1.2 stay quiet as defined in iso/iec 15693-3.
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 12 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.4.2 optional commands 9.4.2.1 read single block as defined in iso/iec 15693-3. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. 9.4.2.2 write single block as defined in iso/iec 15693-3. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. 9.4.2.3 lock block as defined in iso/iec 15693-3. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. 9.4.2.4 select as defined in iso/iec 15693-3. 9.4.2.5 reset to ready as defined in iso/iec 15693-3. 9.4.2.6 write afi as defined in iso/iec 15693-3. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. remark: this command maybe password protected, refer to section 9.4.3.13 ? password protect eas/afi ? . 9.4.2.7 lock afi as defined in iso/iec 15693-3. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. remark: this command maybe password protected, refer to section 9.4.3.13 ? password protect eas/afi ? . 9.4.2.8 write dsfid as defined in iso/iec 15693-3. option 0 (option flag not set) is supported.
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 13 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l option 1 (option flag set) is supported. 9.4.2.9 lock dsfid as defined in iso/iec 15693-3. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. 9.4.2.10 get system information as defined in iso/iec 15693-3. the tag type of the icode slix-l ic is ?03h?. 9.4.3 custom commands the manufacturer code of nxp semiconduc tors is defined in iso/iec 7816-6a1 ( ref. 5 ). it has the value ?04h?. for the structure of custom commands please refer to iso/iec 15693-3. if not explicitly specified differen tly all address modes are supported. 9.4.3.1 get random number command code = b2h the get random number command is required to receive a random number from the label ic. the passwords that will be tran smitted with the set password command have to be calculated with the password and the random number (see section 9.4.3.2 ? set password ? ). the different passwords are address ed with the password identifier. table 7. request format sof flags get random number ic mfg code uid crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 16 bits - table 8. response format when error_flag set sof flags error code crc16 eof - 8 bits 8 bits 16 bits - table 9. response format when error_flag not set sof flags random number crc16 eof - 8 bits 16 bits 16 bits -
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 14 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.4.3.2 set password command code = b3h the set password command enables the different passwords to be transmitted to the label to access the different protected func tionalities of the following commands. the set password command has to be executed just onc e for the related passw ords if the label is powered. remark: the set password command can only be executed in addressed or selected mode except for the privacy passwo rd. if the privacy pass word is transmitted (see section 9.4.3.6 ? enable privacy ? ), the timing of th e set password command is write alike. the xor password has to be calculated with the password and two times the received random number from the last get random number command: xor_password[31:0] = password[31:0] xor {random_number[15:0], random_number[15:0]}. the different passwords are address ed with the password identifier. remark: if the ic receives an invalid password, it will not execute any following command until a power-on reset (por) (rf reset) is executed. table 10. request format sof flags set password ic mfg code uid password identifier xor password crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 8 bits 32 bits 16 bits - table 11. password identifier password identifier password 04h privacy 08h destroy slix-l 10h eas/afi table 12. response format when error_flag set sof flags error code crc16 eof - 8 bits 8 bits 16 bits - table 13. response format when error_flag not set sof flags crc16 eof - 8 bits 16 bits -
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 15 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.4.3.3 write password command code = b4h the write password command enables a new password to be written into the related memory if the related old password has already been tr ansmitted with a set password command and the addressed password is not locked (see section 9.4.3.4 ? lock password ? ). remark: the write password command can on ly be executed in addressed or selected mode. the new password takes effect immediately which means that the new password has to be transmitted with the set password command to access protected blocks/pages. the different passwords are address ed with the password identifier. the timing of the command is write alike. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. table 14. request format sof flags write password ic mfg code uid password identifier password crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 8 bits 32 bits 16 bits - table 15. password identifier password identifier password 04h privacy 08h destroy slix-l 10h eas/afi table 16. response format when error_flag set sof flags error code crc16 eof - 8 bits 8 bits 16 bits - table 17. response format when error_flag not set sof flags crc16 eof - 8 bits 16 bits -
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 16 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.4.3.4 lock password command code = b5h the lock password command en ables the addressed password to be locked if the related password has already been transmitted with a set password command. a locked password cannot be changed. the different passwords are address ed with the password identifier. the timing of the command is write alike. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. 9.4.3.5 destroy slix-l command code = b9h the destroy slix-l command enables the icode slix-l label ic to be destroyed if the destroy slix-l password is correct. this command is irreversible and the icode slix-l will never respond to any command again. the destroy slix-l command can only be ex ecuted in addressed or selected mode. the xor password has to be calculated with the password and two times the received random number from the last get random number command: xor_password[31:0] = password[31:0] xor {random_number[15:0], random_number[15:0]}. the timing of the command is write alike. table 18. request format sof flags lock password ic mfg code uid password identifier crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 8 bits 16 bits - table 19. password identifier password identifier password 04h privacy 08h destroy slix-l 10h eas/afi table 20. response format when error_flag set sof flags error code crc16 eof - 8 bits 8 bits 16 bits - table 21. response format when error_flag not set sof flags crc16 eof - 8 bits 16 bits -
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 17 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.4.3.6 enable privacy command code = bah the enable privacy command enables the icode slix-l label ic to be set to privacy mode if the privacy password is co rrect. the icode slix -l will not respond to any command except get random number and set password. the xor password has to be calculated with the password and two times the received random number from the last get random number command: xor_password[31:0] = password[31:0] xor {random_number[15:0], random_number[15:0]}. to get out of the privacy status the valid priv acy password has to be transmitted to the ic with the set password command. the timing of the command is write alike. table 22. request format sof flags destroy slix-l ic mfg code uid xor password crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 32 bits 16 bits - table 23. response format when error_flag set sof flags error code crc16 eof - 8 bits 8 bits 16 bits - table 24. response format when error_flag not set sof flags crc16 eof - 8 bits 16 bits - table 25. request format sof flags enable privacy ic mfg code uid xor password crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 32 bits 16 bits - table 26. response format when error_flag set sof flags error code crc16 eof - 8 bits 8 bits 16 bits - table 27. response format when error_flag not set sof flags crc16 eof - 8 bits 16 bits -
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 18 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.4.3.7 inventory page read command code = b0h when receiving the inventory page read request, the icode slix-l ic performs the same as the anticollision sequence, with the difference that instead of the uid and the dsfid, the requested memory content is re -transmitted from the icode slix-l ic. if an error is detected, the ic ode slix-l ic remains silent. if the option flag is set to logic 0, n pages of data including page protection status (password protection condition) are re-transmitted. if the option flag is set to logic 1, n pages (4 blocks = 16 byte) of data including page protection status (password protection condition) and the part of the uid which is not part of the mask are re-transmitted. the request contains: ? flags ? inventory page read command code ? ic manufacturer code ? afi (if afi flag set) ? mask length ? mask value (if ma sk length > 0) ? first page number to be read ? number of pages to be read ? crc 16 the inventory_flag must be set to logic 1. the meaning of flags 5 to 8 is in accordance with table 5 in iso/iec 15693-3. the number of pages in the request is one le ss than the number of pages that the icode slix-l ic returns in its response. if the option flag in the request is set to logic 0 the response contains: the icode slix-l ic reads the requested pa ge(s) including page protection status and sends back their value in the response. the mechanism and timing of the inventory page read command performs the same as the inventory command which is described in clause 8 of iso/iec 15693-3. table 28. request format sof flags inventory page read ic mfg code optional afi mask length mask value first page number number of pages crc16 eof - 8 bits 8 bits 8 bits 8 bits 8 bits 0 to 64 bits 8 bits 8 bits 16 bits - table 29. response format: option flag logic 0 sof flags data crc16 eof - 8 bits page status & data 16 bits - repeated as needed
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 19 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l the requested page(s) is (are) transmitted in the following format and repeated as necessary (depending on number of pages): if the option flag in the request is set to logic 1, the response contains: the icode slix-l ic reads the requested pa ge(s) including page protection status and sends back their value in the response. additionally the bytes of the uid, which are not parts of the mask and the slot number in case of 16 slots, are returned. instead of padding with zeros up to the next byte boundary, the corresponding bits of the uid are returned. the mechanism and timing of the inventory page read command perform the same as the inventory command which is described in clause 8 of iso/iec 15693-3. the requested page(s) is (are) transmitted in the following format and repeated as necessary (depending on number of pages): remark: the number of bits of the re-transmi tted uid can be calculated as follows: ? 16 slots: 60 bits (bit 64 to bit 5) - mask length rounded up to the next byte boundary ? 1 slot: 64 bits - mask length rounded up to the next byte boundary remark: if the sum of first page number and number of pages exceeds the total available number of user pages, the number of trans mitted pages is less than the requested number of pages, which means that the last returned page is the highest available user page, followed by the 16-bit crc and the eof. example: mask length = 30 bits returned: bit 64 to bit 5 (30 bits) = 30 bits gives 4 bytes table 30. page protection status byte page protection status byte page data 00h: page is public (not protected with read password) or the valid read password has been transmitted before 16 byte page data content 0fh: page is protected with th e read password and the valid read password has not been transmitted before no data table 31. response format: option flag logic 1 sof flags rest of uid which is not part of the mask and slot number data crc16 eof - 8 bits 0 to 64 bit page status & data 16 bits - multiple of 8 bits repeated as needed table 32. page protection status byte page protection status byte page data 00h: page is public (not protected with read password) or the valid read password has been transmitted before 16 byte page data content 0fh: page is protected with th e read password and the valid read password has not been transmitted before no data
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 20 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.4.3.8 fast inventory page read command code = b1h when receiving the fast inventory page read command the icode slix-l ic behaves the same as the inventory page read command with the following exceptions: the data rate in the direction icode slix-l ic to the interrogator is twice that defined in iso/iec 15693-3, depending on the datarate_flag 53 kbit (high data rate) or 13 kbit (low data rate). the data rate from the interrogator to the icode slix-l ic and the time between the rising edge of the eof from the interrogator to the icode slix-l ic remain unchanged (stay the same as defined in iso/iec 15693-3). in the icode slix-l ic to the interrogator di rection, only the single subcarrier mode is supported. 9.4.3.9 set eas command code = a2h the set eas command enables the eas mode if the eas mode is not locked. if the eas mode is password protect ed the eas password has to be first transmitted with the set password command. the timing of the command is write alike. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. table 33. example: mask length = 30 byte 0 byte 1 byte 2 byte 3 byte 4 byte 5 byte 6 byte 7 uid mask value including padding with zeros - transmitted by interrogator returned value transmitted by icode slix-l ic table 34. request format sof flags set eas ic mfg code uid crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 16 bits - table 35. response format when error_flag set sof flags error code crc16 eof - 8 bits 8 bits 16 bits - table 36. response format when error_flag not set sof flags crc16 eof - 8 bits 16 bits -
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 21 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.4.3.10 reset eas command code = a3h the reset eas command disables the eas mode if the eas mode is not locked. if the eas mode is password pr otected the eas pa ssword has to be firs t transmitted with the set password command. the timing of the command is write alike. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. 9.4.3.11 lock eas command code = a4h the lock eas command locks the current state of the eas mode and the eas id. if the eas mode is password pr otected the eas pa ssword has to be firs t transmitted with the set password command. the timing of the command is write alike. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. table 37. request format sof flags reset eas ic mfg code uid crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 16 bits - table 38. response format when error_flag set sof flags error code crc16 eof - 8 bits 8 bits 16 bits - table 39. response format when error_flag not set sof flags crc16 eof - 8 bits 16 bits - table 40. request format sof flags lock eas ic mfg code uid crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 16 bits - table 41. response format when error_flag set sof flags error code crc16 eof - 8 bits 8 bits 16 bits - table 42. response format when error_flag not set sof flags crc16 eof - 8 bits 16 bits -
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 22 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.4.3.12 eas alarm the eas alarm command can be used in the following three configurations: ? option flag is set to 0: eas id mask length and eas id val ue shall not be transmitted. if the eas mode is enabled, t he eas response is returned from the icode slix-l ic. this configuration is co mpliant with the eas command of the icode sli ic. ? option flag is set to 1: within the command the eas id mask length has to be tr ansmitted to identify how many bits of the following eas id value ar e valid (multiple of 8-bits). only those icode slix-l ics will respond with th e eas sequence which have stored the corresponding data in the eas id configuration (s elective eas) and if the eas mode is set. if the eas id mask length is set to 0, t he icode slix-l ic will answer with its eas id. if an error is detected the ic ode slix-l ic remains silent. option flag is set to logic 0 or option flag is set to logic 1 and the eas id mask length is not equal to 0: eas sequence (starting with the lsb, which is tr ansmitted first; read from left to right): 11110100 11001101 01000110 00001110 10101011 11100101 00001001 11111110 00010111 10001101 00000001 00011100 01001011 10000001 10010010 01101110 01000001 01011011 01011001 01100001 11110110 11110101 11010001 00001101 10001111 00111001 10001011 01001000 10100101 01001110 11101100 11110111 option flag is set to logic 1 and the eas id mask length is equal to 0: if the eas mode is disabled (see reset eas command in section 9.4.3.10 ? reset eas ? ) the icode slix-l ic remains silent. table 43. request format sof flags eas alarm ic mfg code uid eas id mask length eas id value crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 8 bits optional 0, 8 or 16 bits optional 16 bits - table 44. response format sof flags eas sequence crc16 eof - 8 bits 256 bits 16 bits - table 45. response format sof flags eas id value crc16 eof - 8 bits 16 bits 16 bits -
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 23 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.4.3.13 password protect eas/afi command code = a6h the password protect eas/a fi command enables the pa ssword protection for eas and/or afi if the eas/afi password is first transmitted with the set password command. option flag set to logic 0: eas will be password protected. option flag set to logic 1: afi will be password protected. both password prot ections (afi and eas) can be enabled separately. remark: independent of the option flag, this write-alike command will be executed like a write command with option flag 0 (option flag not set). once the eas/afi password protection is enabled , it is not possible to change back to unprotected eas and/or afi. the timing of the command is write alike (as write command with option flag 0). 9.4.3.14 write eas id command code = a7h the command write eas id ena bles a new eas identifier to be stored in the corresponding configuration memory. if eas is password protected (for set and reset eas) the eas password has to be first tr ansmitted with the set password command. the timing of the command is write alike. table 46. request format sof flags password protect eas/afi ic mfg code uid crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 16 bits - table 47. response format when error_flag set sof flags error code crc16 eof - 8 bits 8 bits 16 bits - table 48. response format when error_flag not set sof flags crc16 eof - 8 bits 16 bits - table 49. request format sof flags write eas id ic mfg code uid eas id value crc16 eof - 8 bits 8 bits 8 bits 64 bits optional 16 bits 16 bits - table 50. response format when error_flag set sof flags error code crc16 eof - 8 bits 8 bits 16 bits -
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 24 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 9.5 error handling 9.5.1 transmission errors according to iso/iec 15693 the label ic will not respond if a transmission error (crc, bit coding, bit count, wrong framing) is detected and will silently wait for the next correct received command. 9.5.2 not supported commands or options if the received command or option is not supp orted, the behavior of the label ic depends on the addressing mechanism. 9.5.2.1 non addressed mode the label ic remains silent. 9.5.2.2 addressed or selected mode the addressed or selected label ic responds with the error code ?0fh? (error with no information given or error code is not supported). if the inventory flag or the protocol extension flag is set, the label ic will not respond if the command or option is not supported. 9.5.3 parameter out of range 9.5.3.1 read commands if the sum of the first block number and the number of blocks exceeds the total available number of user blocks, the number of tran smitted blocks is less than the requested number of blocks, which means that the last returned block is the highest available user block, followed by the 16-bit crc and the eof. 9.5.3.2 write and lock commands if the address of a block to be written does not exist or a block to be written is locked, the behaviour of the label ic depends on the addressing mechanism. non addressed mode ? the label ic remains silent and aborts the command without writing anything. addressed or selected mode ? the addressed or selected label ic responds with the error code ?0fh? (error with no information given or error code is not supported). 9.6 data integrity following mechanisms are implemented in the contactless communication link between interrogator and label to ensure very reliable data transmission: table 51. response format when error_flag not set sof flags crc16 eof - 8 bits 16 bits -
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 25 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l ? 16-bit crc per block ? bit count checking ? bit coding to distinguish between logic 1, logic 0, and no information ? channel monitoring (protocol sequence and bit stream analysis) 9.7 rf interface the definition of the rf interface is according to the standard iso/iec 15693-2 and iso/iec 15693-3. 10. limiting values [1] stresses above those listed under absolute maximum ratings ma y cause permanent damage to the device. this is a stress rating only and functional operation of the device at th ese or any conditions other than those des cribed in the operating conditions and el ectrical characteristics sections of this specification is not implied. [2] this product includes circ uitry specifically designed for the protection of its internal devices from the damaging effects o f excessive static charge. nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima. [3] the voltage between la and lb is limited by the on-chip voltage limitation circuitry (corresponding to parameter i i ). [4] for esd measurement, the ic was mounted in a cdip8 package. table 52. limiting values (wafer) [1] [2] in accordance with the absolute ma ximum rating system (iec 60134). symbol parameter conditions min max unit t stg storage temperature ? 55 +125 ?c p tot total power dissipation - 125 mw t j junction temperature ? 40 +85 ?c i i(max) maximum input current la to lb; peak [3] - ? 60 ma i i input current la to lb; rms - 30 ma v esd electrostatic discharge voltage human body model [4] - ? 2kv
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 26 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 11. characteristics 11.1 memory characteristics 11.2 interface characteristics [1] bandwidth limitation ( ? 7 khz) according to ism band regulations. [2] including losses in the resonant capacitor and rectifier. [3] measured with an hp4285a lcr meter at 13.56 mhz and 2 v rms. 12. marking 12.1 marking sot1122 table 53. eeprom characteristics symbol parameter conditions min typ max unit t ret retention time t amb ?? 55 ? c50- - year n endu(w) write endurance 100000 - - cycle table 54. interface characteristics typical ratings are not guaranteed. the values listed are at room temperature. symbol parameter conditions min typ max unit f i input frequency [1] 13.553 13.56 13.567 mhz v i(rms)min minimum rms input voltage operating read/write 1.5 - 1.7 v p i(min) minimum input power operating [2] -40- ? w c i input capacitance between la and lb [3] sl2s5002fud sl2s5002ftb 22.3 23.5 24.7 pf s2sl5102fud 92 97 102 pf table 55. marking sot1122 type number marking code sl2s5002ftb 50
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 27 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 13. package outline fig 5. package outline sot1122 references outline version european projection issue date iec jedec jeita sot1122 mo-252 sot1122_po unit mm max nom min 0.50 0.04 0.55 0.425 0.30 0.25 0.22 0.35 0.30 0.27 a (1) dimensions notes 1. dimension a is including plating thickness. 2. can be visible in some manufacturing processes. sot1122 a 1 d 1.50 1.45 1.40 1.05 1.00 0.95 eee 1 0.55 0.50 0.47 0.45 0.40 0.37 bb 1 ll 1 09-10-09 xson3: plastic extremely thin small outline package; no leads; 3 terminals; body 1 x 1.45 x 0.5 mm d e e 1 e a 1 b 1 l 1 l e 1 0 1 2 mm scale 3 1 2 b 4 (2) 4 (2) a pin 1 indication type code terminal 1 index area
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 28 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 14. bare die outline (1) x-scribe line width: 15 ? m (2) y-scribe line width: 15 ? m (3) chip step, x-length: 535 ? m (4) chip step, y-length: 499 ? m (5) bump to bump distance x (la - lb): 400 ? m (6) bump to bump distance y (lb - test): 360 ? m (7) distance bump to nitride edge x: 75 ? m (8) distance bump to nitride edge y: 45 ? m bump size x ? y: 60 ? m ? 60 ? m fig 6. wafer sl2s5002fud bare die layout 001aam108 not to scale! (1) (7) (2) (8) (5) (6) (4) (3) y x gnd la lb test
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 29 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l (1) x-scribe line width: 15 ? m (2) y-scribe line width: 15 ? m (3) chip step, x-length: 535 ? m (4) chip step, y-length: 622 ? m (5) bump to bump distance x (la - lb): 400 ? m (6) bump to bump distance y (lb - test): 517 ? m (7) distance bump to nitride edge x: 75 ? m (8) distance bump to nitride edge y: 45 ? m bump size x ? y: 60 ? m ? 60 ? m fig 7. wafer SL2S5102FUD bare die layout 001aam545 not to scale! (1) (7) (2) (8) (5) (6) (4) (3) y x gnd la lb test
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 30 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 15. abbreviations 16. references [1] iso standard ? iso/iec 15693 - identification cards - contactless integrated circuit cards - vicinity cards. [2] iso standard ? iso/iec 15693-2 -identification cards - contactless integrated circuit cards - vicinity cards - part 2: air interface and initialization. [3] iso standard ? iso/iec 15693-3 -identification cards - contactless integrated circuit cards - vicinity cards - part 3: anticollision and tran smission protocol. [4] iso standard ? iso/iec 18000-3 - information technology - radio frequency identification for item management - part 3: parameters for air interface communications at 13.56 mhz. [5] iso standard ? iso/iec 7816-6 - identification cards - integrated circuit cards - part 6: interindustry data elements for interchange. [6] general specification for 8? wafe r on uv-tape with electronic fail die marking ? delivery type description ? bl-id document number: 1093** 1 . table 56. abbreviations acronym description afi application family identifier crc cyclic redundancy check dsfid data storage format identifier eas electronic article surveillance eeprom electrically erasable pr ogrammable re ad only memory eof end of frame ic integrated circuit lcr inductance, capacitance, resistance lsb least significant byte/bit msb most significant byte/bit rf radio frequency sof start of frame uid unique identifier 1. ** ... document version number
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 31 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 17. revision history table 57. revision history document id release date data sheet status change notice supersedes sl2s5002_sl2s5102 v.3.4 20120827 product data sheet - sl2s5002_sl2s5102 v.3.3 modifications: security level changed into ?company public? sl2s5002_sl2s5102 v.3.3 20110119 product data sheet - sl2s5002_sl2s5102 v.3.2 modifications: ? section 12 ? marking ? code for ?sl2s5002ftb? corrected sl2s5002_sl2s5102 v.3.2 20110110 product data sheet - sl2s5002_sl2s5102 v.3.1 modifications: ? type number sl2s5002ftb added ? section 6 ?pinning information? , section 12 ?marking? and section 13 ?package outline? added sl2s5002_sl2s5102 v.3.1 20100930 pr oduct data sheet - sl2s5002 v.3.0 modifications: ? added type number sl2s5102 ? document layout updated ? table 43: symbols and parameter descriptions updated sl2s5002 v.3.0 20100527 product data sheet - 193120 193120 20100517 preliminary data sheet - -
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 32 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 18. legal information 18.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 18.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 18.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 33 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comple te, exhaustive or legally binding. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 18.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. icode and i-code ? are trademarks of nxp b.v. 19. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
sl2s5002_sl2s5102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet company public rev. 3.4 ? 27 august 2012 193134 34 of 35 nxp semiconductors sl2s5002; sl2s5102 icode slix-l 20. tables table 1. ordering information . . . . . . . . . . . . . . . . . . . . .3 table 2. pin description sot1122 . . . . . . . . . . . . . . . . . .4 table 3. bonding pad description . . . . . . . . . . . . . . . . . .6 table 4. wafer specification . . . . . . . . . . . . . . . . . . . . . . .7 table 5. memory organization . . . . . . . . . . . . . . . . . . . .10 table 6. unique identifier . . . . . . . . . . . . . . . . . . . . . . . .10 table 7. request format . . . . . . . . . . . . . . . . . . . . . . . .13 table 8. response format when error_flag set . . . . . . .13 table 9. response format when error_flag not set . . .13 table 10. request format . . . . . . . . . . . . . . . . . . . . . . . .14 table 11. password identifier . . . . . . . . . . . . . . . . . . . . .14 table 12. response format when error_flag set . . . . . . .14 table 13. response format when error_flag not set . . .14 table 14. request format . . . . . . . . . . . . . . . . . . . . . . . .15 table 15. password identifier . . . . . . . . . . . . . . . . . . . . .15 table 16. response format when error_flag set . . . . . . .15 table 17. response format when error_flag not set . . .15 table 18. request format . . . . . . . . . . . . . . . . . . . . . . . .16 table 19. password identifier . . . . . . . . . . . . . . . . . . . . .16 table 20. response format when error_flag set . . . . . . .16 table 21. response format when error_flag not set . . .16 table 22. request format . . . . . . . . . . . . . . . . . . . . . . . .17 table 23. response format when error_flag set . . . . . . .17 table 24. response format when error_flag not set . . .17 table 25. request format . . . . . . . . . . . . . . . . . . . . . . . .17 table 26. response format when error_flag set . . . . . . .17 table 27. response format when error_flag not set . . .17 table 28. request format . . . . . . . . . . . . . . . . . . . . . . . .18 table 29. response format: option flag logic 0 . . . . . . .18 table 30. page protection status byte . . . . . . . . . . . . . . 19 table 31. response format: option flag logic 1 . . . . . . . 19 table 32. page protection status byte . . . . . . . . . . . . . . 19 table 33. example: mask length = 30 . . . . . . . . . . . . . . . 20 table 34. request format . . . . . . . . . . . . . . . . . . . . . . . . 20 table 35. response format when error_flag set . . . . . . 20 table 36. response format when error_flag not set . . 20 table 37. request format . . . . . . . . . . . . . . . . . . . . . . . . 21 table 38. response format when error_flag set . . . . . . 21 table 39. response format when error_flag not set . . 21 table 40. request format . . . . . . . . . . . . . . . . . . . . . . . . 21 table 41. response format when error_flag set . . . . . . 21 table 42. response format when error_flag not set . . 21 table 43. request format . . . . . . . . . . . . . . . . . . . . . . . . 22 table 44. response format . . . . . . . . . . . . . . . . . . . . . . . 22 table 45. response format . . . . . . . . . . . . . . . . . . . . . . . 22 table 46. request format . . . . . . . . . . . . . . . . . . . . . . . . 23 table 47. response format when error_flag set . . . . . . 23 table 48. response format when error_flag not set . . 23 table 49. request format . . . . . . . . . . . . . . . . . . . . . . . . 23 table 50. response format when error_flag set . . . . . . 23 table 51. response format when error_flag not set . . 24 table 52. limiting values (wafer) [1][2] . . . . . . . . . . . . . . . 25 table 53. eeprom characteristics . . . . . . . . . . . . . . . . 26 table 54. interface characteristics . . . . . . . . . . . . . . . . . 26 table 55. marking sot1122 . . . . . . . . . . . . . . . . . . . . . . 26 table 56. abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 30 table 57. revision history . . . . . . . . . . . . . . . . . . . . . . . . 31 21. figures fig 1. block diagram of icode sl ix-l . . . . . . . . . . . . . .3 fig 2. pin configuration for sot1122. . . . . . . . . . . . . . . .4 fig 3. wafer sl2s5002fud layout and pin configuration for the bare die. . . . . . . . . . . . . . . . . . . . . . . . . . . .5 fig 4. wafer SL2S5102FUD layout and pin configuration for the bare die. . . . . . . . . . . . . . . . . . . . . . . . . . . .6 fig 5. package outline sot1122 . . . . . . . . . . . . . . . . . .27 fig 6. wafer sl2s5002fud bare die layout . . . . . . . . .28 fig 7. wafer SL2S5102FUD bare die layout . . . . . . . . .29
nxp semiconductors sl2s5002; sl2s5102 icode slix-l ? nxp b.v. 2012. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 27 august 2012 193134 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 22. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 1.1 contactless energy and data transfer. . . . . . . . 1 1.2 anticollision. . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 security and privacy aspects . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 2 2.1 icode slix-l rf interface (iso/iec 15693) . 2 2.2 eeprom . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 2.3 security. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 4 ordering information . . . . . . . . . . . . . . . . . . . . . 3 5 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 7 wafer layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 7.1 bonding pad description . . . . . . . . . . . . . . . . . . 6 8 mechanical specification . . . . . . . . . . . . . . . . . 7 8.1 wafer specification . . . . . . . . . . . . . . . . . . . . . . 7 8.1.1 fail die identification . . . . . . . . . . . . . . . . . . . . . 8 8.1.2 map file distribution. . . . . . . . . . . . . . . . . . . . . . 8 9 functional description . . . . . . . . . . . . . . . . . . . 9 9.1 block description . . . . . . . . . . . . . . . . . . . . . . . 9 9.2 memory organization . . . . . . . . . . . . . . . . . . . . 9 9.2.1 unique identifier . . . . . . . . . . . . . . . . . . . . . . . 10 9.2.2 configuration of delivered ics . . . . . . . . . . . . 11 9.3 communication principle . . . . . . . . . . . . . . . . 11 9.4 supported commands . . . . . . . . . . . . . . . . . . 11 9.4.1 mandatory commands . . . . . . . . . . . . . . . . . . 11 9.4.1.1 inventory. . . . . . . . . . . . . . . . . . . . . . . . . . 11 9.4.1.2 stay quiet. . . . . . . . . . . . . . . . . . . . . . . . . . 11 9.4.2 optional commands . . . . . . . . . . . . . . . . . . . . 12 9.4.2.1 read single block . . . . . . . . . . . . . . . . . 12 9.4.2.2 write single block. . . . . . . . . . . . . . . . . 12 9.4.2.3 lock block. . . . . . . . . . . . . . . . . . . . . . . . . 12 9.4.2.4 select . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 9.4.2.5 reset to ready . . . . . . . . . . . . . . . . . . . . 12 9.4.2.6 write afi . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 9.4.2.7 lock afi . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 9.4.2.8 write dsfid . . . . . . . . . . . . . . . . . . . . . . . . 12 9.4.2.9 lock dsfid . . . . . . . . . . . . . . . . . . . . . . . . . 13 9.4.2.10 get system information. . . . . . . . . . . . 13 9.4.3 custom commands. . . . . . . . . . . . . . . . . . . . . 13 9.4.3.1 get random number. . . . . . . . . . . . . . . . 13 9.4.3.2 set password . . . . . . . . . . . . . . . . . . . . . . 14 9.4.3.3 write password . . . . . . . . . . . . . . . . . . . 15 9.4.3.4 lock password . . . . . . . . . . . . . . . . . . . . 16 9.4.3.5 destroy slix-l . . . . . . . . . . . . . . . . . . . . . 16 9.4.3.6 enable privacy . . . . . . . . . . . . . . . . . . . . . 17 9.4.3.7 inventory page read . . . . . . . . . . . . . . 18 9.4.3.8 fast inventory page read . . . . . . . . . 20 9.4.3.9 set eas . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 9.4.3.10 reset eas. . . . . . . . . . . . . . . . . . . . . . . . . . 21 9.4.3.11 lock eas . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 9.4.3.12 eas alarm . . . . . . . . . . . . . . . . . . . . . . . . . 22 9.4.3.13 password protect eas/afi . . . . . . . . . 23 9.4.3.14 write eas id. . . . . . . . . . . . . . . . . . . . . . . . 23 9.5 error handling . . . . . . . . . . . . . . . . . . . . . . . . 24 9.5.1 transmission errors . . . . . . . . . . . . . . . . . . . . 24 9.5.2 not supported commands or options . . . . . . . 24 9.5.2.1 non addressed mode . . . . . . . . . . . . . . . . . . 24 9.5.2.2 addressed or selected mode. . . . . . . . . . . . . 24 9.5.3 parameter out of range . . . . . . . . . . . . . . . . . 24 9.5.3.1 read commands . . . . . . . . . . . . . . . . . . . . . . 24 9.5.3.2 write and lock commands . . . . . . . . . . . . . . . 24 non addressed mode . . . . . . . . . . . . . . . . . . . 24 addressed or selected mode. . . . . . . . . . . . . . 24 9.6 data integrity . . . . . . . . . . . . . . . . . . . . . . . . . 24 9.7 rf interface . . . . . . . . . . . . . . . . . . . . . . . . . . 25 10 limiting values . . . . . . . . . . . . . . . . . . . . . . . . 25 11 characteristics . . . . . . . . . . . . . . . . . . . . . . . . 26 11.1 memory characteristics . . . . . . . . . . . . . . . . . 26 11.2 interface characteristics . . . . . . . . . . . . . . . . . 26 12 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 12.1 marking sot1122 . . . . . . . . . . . . . . . . . . . . . 26 13 package outline. . . . . . . . . . . . . . . . . . . . . . . . 27 14 bare die outline . . . . . . . . . . . . . . . . . . . . . . . . 28 15 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 30 16 references. . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 17 revision history . . . . . . . . . . . . . . . . . . . . . . . 31 18 legal information . . . . . . . . . . . . . . . . . . . . . . 32 18.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 32 18.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 18.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 32 18.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 33 19 contact information . . . . . . . . . . . . . . . . . . . . 33 20 tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 21 figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 22 contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35


▲Up To Search▲   

 
Price & Availability of SL2S5102FUD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X